PART |
Description |
Maker |
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
SAFSE1G96KD0T00 SAFSE1G95KC0T00 SAFSE1G57KA0T09 SA |
1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1950 MHz, SAW FILTER 1 FUNCTIONS, 1575.42 MHz, SAW FILTER 1 FUNCTIONS, 851 MHz, SAW FILTER 1 FUNCTIONS, 1575.5 MHz, SAW FILTER 1 FUNCTIONS, 1842.5 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER 1 FUNCTIONS, 906 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
X20061RS X20061RS-15 XF20061RS |
10BASE-T FILTER 10Bose-T FILTER 10 BASE T FILTER
|
XFMRS Inc.
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
4400-040 4200-012 4400-005 |
EMI/RFI FILTER 1 FUNCTIONS, 50 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #4 1 FUNCTIONS, 200 V, 3 A, DATA LINE FILTER
|
TUSONIX, Inc. TUSONIX INC
|
664D |
The 664D filter is a 3 phase (Delta) filter. This series is designed to be used with military system
|
JMK Inc.
|
855728 |
Filter - CDMA/Amps (Rx) High Rejection 1 FUNCTIONS, 881.5 MHz, SAW FILTER
|
TriQuint Semiconductor, Inc.
|
B7820 B39941-B7820-C710 |
1 FUNCTIONS, 942.5 MHz, SAW FILTER Low-Loss Filter for Mobile Communication
|
EPCOS AG ETC[ETC] List of Unclassifed Manufacturers
|
MM-0637A-50 MM-0637A-35 |
The 637A series filter is a very compact DC filter intended for use with telecommunication hardware
|
JMK Inc.
|
TMXW341 |
SAW Passband Filter - REMOTE CONTROL - RF 1 FUNCTIONS, 869.6 MHz, SAW FILTER
|
TEMEX
|
GH580 GH580-CHIP |
CONTINUOUS TIME FILTER, UUC7 Adjustable Analog Highpass Filter
|
ETC[ETC] Gennum Corporation
|
|